Part Number Hot Search : 
CMK04 M100K AC05FGM 75639S3S 2AZ24VDC UN5111 Q6704 CIL464C
Product Description
Full Text Search
 

To Download 803-99-016-10-004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 800
PCB connectors 2.54 mm Single row / double row Wire-wrap / solder tail
29
PCB receptacles with wire-wrap posts Accept square pins s 0.635 mm and round pins 0.70-0.80 mm For corresponding pin connectors see pages 30 to 35 Receptacles, solder tail for pins 0.95-1.05 mm
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 803-91-xxx-10-004 for a double row version with 8 pins per row becomes: 803-91-016-10-004
801-91-xxx-53-001 B 801-93-xxx-53-001
Wire-wrap receptacle: single row, 3 levels Availability from: 1 to 50 contacts Standard number of contacts 24, 28, 29, 30, 36, 42, 48, 50
803-91-xxx-53-001 B 803-93-xxx-53-001
Wire-wrap receptacle: double row, 3 levels Availability from: 4 to 100 contacts Standard number of contacts 72 and 100
801-91-xxx-10-004 801-93-xxx-10-004 801-99-xxx-10-004
Straight receptacle: single row, accepts pin 0.95-1.05 mm Availability from: 1 to 50 contacts Standard number of contacts 24, 28, 29, 30, 36, 42, 48, 50
803-91-xxx-10-004 803-93-xxx-10-004 803-99-xxx-10-004
Straight receptacle: double row, accepts pin 0.95-1.05 mm Availability from: 4 to 100 contacts Standard number of contacts 72 and 100
B Products not available from stock. Please consult PRECI-DIP.


▲Up To Search▲   

 
Price & Availability of 803-99-016-10-004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X